|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ULTRA THIN D-SUB EDGE MOUNT (MALE TYPE) 070221ME Series Mates with SUYIN 070700F, 070900F, 070200F Series Specifications: 9 Circuits Insulator Material : Black High Temp. Plastic Operating Temp.Range : -40 to +105 : Brass (Machine Pin) Terminal Material : Contact-Gold Plated Plating : Metal shell-Nickel Plated Max. Current Rating Voltage Rating Dielectric Strength : 2.5A : 250V AC : 500V (Min. 60 Seconds) I/O Order Information 12 3 45 Recommended P.C.B Layout 1. 'E' : Edge Mount 2. No. of Pins 3. Plating 4. Color 'Z' : Black 5. Package 'U' : Tube Packge Without Cap Reference Page 11 231 |
Price & Availability of 070221ME |